Part Number Hot Search : 
IMC06CTS 5962F 1SV28007 FLZ2V2B 1004G BM29F400 BNYAA 1SS245
Product Description
Full Text Search
 

To Download EEUFC1A181 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Aluminum Electrolytic Capacitors/FC
Radial Lead Type
Series:
FC
Type :A
Japan Malaysia China
I Features Endurance : 105C 1000 h to 5000 h
Low impedance I Specifications
Category Temp. Range Rated W.V. Range Nominal Cap. Range Capacitance Tolerance DC Leakage Current Dissipation Factor I 0.01 CV or 3( A)
-55 to + 105C 6.3 to 63 V .DC 1.0 to 15000 F 20 % (120Hz/+20C)
after 2 minues application of rated working voltage at +20C(Whichever, is greater)
Please see the attached standard products list
Endurance
Shelf Life
After following life test with DC voltage and +1052C ripple current value applied (The sum of DC and ripple peak voltage shall not exceed the rated working voltage), the capacitors shall meet the limits specified below. Duration : 1000 hours (4 to 6.3), 2000hours (8), 3000 hours (10), 5000 hours (12.5 to 18) Post test requirement at +20 C 20% of initial measured value Capacitance change 200 % of initial specified value D.F. initial specified value DC leakage current After storage for 1000 hours at +1052 C with no voltage applied and then being stabilized at +20 C, capacitor shall meet the limits specified in "Endurance".(With voltage treatment)
I Frequency correction factor for ripple current
W.V.(V.DC)
Capacitance
(F)
6.3 to 63
1.0 390 1200 2700
to 330 to 1000 to 2200 to 15000
60 0.55 0.70 0.75 0.80
Frequency(Hz) 120 1k 10k 0.65 0.85 0.90 0.75 0.90 0.95 0.80 0.90 0.95 0.85 0.95 1.00
100k 1.0 1.0 1.0 1.0
I Dimensions in mm (not to scale)
P.V.C. Sleeve
d0.05
10
8!
Vent
L L 16:L+1.0 max L !20:L+2.0 max 14 min 3min D+0.5 max D+0.5 max
L=7
Body Dia. D Body Length L Lead Dia. d Lead space P 0.45 1.5 0.45 2 0.45 2.5 0.45 1.5 0.5 2.0 0.5 2.5 0.6 3.5 4 5 6.3 4 5 6.3 8
L !11
10 0.6 5.0 12.5
15 to25 30 to 35
P 0.5
16 0.8 5.0 0.8 7.5
18 0.8 7.5
0.6 5.0
P 0.5
(!6.3mm dia)
Aluminum Electrolytic Capacitors/FC
Case size/ Impedance/ Ripple Current
W.V.(V.DC) 6.3 V to 35V
Impedance /100kHz Ripple Current mA r.m.s. /100 kHz
50V
Impedance /100kHz Ripple Current mA r.m.s. /100 kHz
63V
Impedance /100kHz 20C -10C Ripple Current mA r.m.s. /100 kHz
Case size (DxL)
4x 5x 6.3 x 4x 5x 5x 6.3 x 6.3 x 8x 8x 8x 10 x 10 x 10 x 10 x 10 x 12.5 x 12.5 x 12.5 x 12.5 x 12.5 x 12.5 x 16 x 16 x 16 x 16 x 16 x 16 x 18 x 18 x 18 x 18 x 18 x 18 x 7 7 7 11 11 15 11.2 15 11.5 15 20 12.5 16 20 25 30 15 20 25 30 35 40 15 20 25 31.5 35.5 40 15 20 25 31.5 35.5 40
20C
2.00 0.95 0.45 1.30 0.80 0.50 0.35 0.25 0.117 0.085 0.065 0.090 0.068 0.052 0.045 0.035 0.065 0.038 0.030 0.025 0.022 0.018 0.043 0.029 0.022 0.018 0.016 0.015 0.038 0.028 0.020 0.016 0.015 0.014
-10C
5.00 2.40 1.20 2.60 1.60 1.00 0.700 0.500 0.234 0.170 0.130 0.180 0.136 0.104 0.090 0.070 0.130 0.076 0.060 0.050 0.044 0.036 0.086 0.058 0.044 0.036 0.032 0.030 0.076 0.056 0.040 0.032 0.030 0.028
20C
2.50 2.4 1 1.3 2 0.90 0.60 0.40 0.234 0.155 0.120 0.160 0.119 0.090 0.082 0.060 0.110 0.063 0.050 0.040 0.034 0.030 0.080 0.048 0.034 0.028 0.025 0.023 0.068 0.042 0.029 0.025 0.023 -
-10C
5.00 4.8 1 2.6 2 1.80 1.20 0.80 0.468 0.310 0.240 0.324 0.238 0.180 0.164 0.120 0.220 0.126 0.100 0.080 0.068 0.060 0.160 0.096 0.068 0.056 0.050 0.046 0.136 0.084 0.058 0.050 0.046 -
65 120 200 120 175 235 290 400 555 730 995 765 1050 1220 1440 1815 1205 1655 1945 2310 2510 2655 1690 2205 2555 3010 3150 3360 2000 2490 2740 3635 3680 3735
90 3 3 215 260 360 485 635 860 615 850 1030 1200 1610 1150 1480 1832 2215 2285 2590 1610 1835 2235 2700 2790 2845 1900 2420 2610 3000 3100 -
3.50 2.00 1.30 1.00 0.70 0.342 0.230 0.178 0.256 0.194 0.147 0.130 0.090 0.150 0.085 0.070 0.055 0.047 0.042 0.090 0.059 0.050 0.043 0.036 0.030 0.086 0.055 0.043 0.032 0.030 0.025
7.00 4.00 2.60 2.00 1.40 0.684 0.460 0.356 0.512 0.368 0.294 0.260 0.180 0.300 0.170 0.140 0.110 0.094 0.084 0.180 0.118 0.100 0.080 0.072 0.060 0.172 0.110 0.086 0.064 0.060 0.050
80 145 200 240 330 405 535 690 535 600 885 1050 1300 1020 1285 1720 2090 2265 2560 1410 1765 2160 2670 2770 2825 1690 2290 2585 2950 3095 3205
1; Apply to 1F 2; Apply to 2.2, 3.3, 4.7, 10L, 12, 18, and 22F
3 Case size Capacitance DxL (mm) (F) Impedance /100kHz Ripple Current mA r.m.s /100 kHz
5 x11
1.0 2.2 3.3 4.7 10L 12 15 18 22
20C 2.40 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30
-10C 4.80 2.60 2.60 2.60 2.60 2.60 2.60 2.60 2.60
20 45 65 95 125 135 145 155 155
Aluminum Electrolytic Capacitors/FC
I
Standard Products
Case size W.V. Cap.
Dia. Length
Specification
Lead Length
Part No.
Min.Packaging Q'ty Straight Taping Leads
(V)
Ripple Imped- Endur- Lead Lead Space current ance (20%) ance Dia. Straight Taping Taping (100kHz) (100kHz) B H (+105C) (+20C) (F) ( m m ) (mm) (m A ) () (hours) ( m m ) ( m m ) (mm) ( m m )
(pcs) EEAFC0J270( ) EEAFC0J560( ) EEUFC0J680( ) EEUFC0J101( ) EEAFC0J121( ) EEUFC0J151( ) EEUFC0J221( ) EEUFC0J271( ) EEUFC0J331S( ) EEUFC0J331( ) EEUFC0J391( ) EEUFC0J471( ) EEUFC0J561( ) EEUFC0J821L( ) EEUFC0J821 EEUFC0J102( ) EEUFC0J122L( ) EEUFC0J122( ) EEUFC0J152( ) EEUFC0J152S( ) EEUFC0J182 EEUFC0J222( ) EEUFC0J222S( ) EEUFC0J272L EEUFC0J272( ) EEUFC0J272S( ) EEUFC0J332( ) EEUFC0J332S( ) EEUFC0J392( ) EEUFC0J472 EEUFC0J472S( ) EEUFC0J562L EEUFC0J562( ) EEUFC0J682L EEUFC0J682( ) EEUFC0J682S( ) EEUFC0J822 EEUFC0J103 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 100 100 200 100 200 100 200 100 100 100 100 100 100 100 100 100 100 100 50 50 200
(pcs) 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 1000 1000 1000 1000 500 500 1000 500 500 500 500 500 250 500 250 500 250 500 250 250 250 250
27 56 68 100 120 150 220 270 330 390 470 560 820 1000 1200 1500 1800 6.3 2200 2700
4 5 4 5 6.3 5 6.3 6.3 6.3 6.3 8 8 8 8 10 10 8 10 10 12.5 10 10 16 10 12.5 16
7 7 11 11 7 15 11.2 11.2 11.2 15 11.5 11.5 11.5 15 12.5 12.5 20 16 20 15 25 25 15 30 20 15 20 15 25 30 20 35 20 40 25 20 31.5 35.5 25 40 31.5 35.5 7
65 120 120 175 200 235 290 290 290 400 555 555 555 730 755 755 995 1050 1220 1205 1440 1440 1690 1815 1655 1690 1655 2000 1945 2310 2205 2510 2205 2655 2555 2490 3010 3150 2740 3360 3635 3680 65
2.0 1.30 0.80 0.50
1000 1000 1000 1000
0.45 0.45 0.45 0.50 0.45 0.50 0.50 0.50 0.50 0.50 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.80 0.60 0.60 0.80 0.60 0.80 0.60 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.45
1.5 2.0 1.5 2.0 2.5 2.0 2.0 2.0 2.5 2.5 3.5 3.5 3.5 3.5 5.0 5.0 3.5 5.0 5.0 5.0 5.0 5.0 7.5 5.0 5.0 7.5 5.0 7.5 5.0 5.0 7.5 5.0 7.5 5.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 1.5
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 7.5 5.0 7.5 5.0 7.5 5.0 7.5 7.5 7.5 7.5
2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5
0.950 1000
0.450 1000 0.350 1000 0.350 1000 0.350 1000 0.250 1000 0.117 2000 0.117 2000 0.117 2000 0.085 2000 0.090 3000 0.090 3000 0.065 2000 0.068 3000 0.052 3000 0.065 5000 0.045 3000 0.045 3000 0.043 5000 0.035 3000 0.038 5000 0.043 5000 0.038 5000 0.038 5000 0.030 5000 0.025 5000 0.029 5000 0.022 5000 0.029 5000 0.018 5000 0.022 5000 0.028 5000 0.018 5000 0.016 5000 0.020 5000 0.015 5000 0.016 5000 0.015 5000 2.0 1000
3300 3900 4700 5600 6800
12.5 18 12.5 12.5 16 12.5 16 12.5 16 18
8200 10000 12000 15000 10 22
16 16 18 16 18 18 4
7.5
EEUFC0J103S( ) EEUFC0J123L EEUFC0J123 EEUFC0J153
250
5.0
2.5
EEAFC1A220( )
2000
When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5mm, 7.5mm. H=2.5mm.
Aluminum Electrolytic Capacitors/FC
I
Standard Products
W.V. (V) Specification Lead Length Ripple Imped- Endur- Lead Lead Space ance current (20%) ance Dia. Straight Taping Taping (100kHz) (100kHz) B H (+105C) (+20C) (F) ( m m ) (mm) (m A ) () (hours) ( m m ) ( m m ) (mm) ( m m ) Case size Cap.
Dia. Length
Part No.
Min. Packaging Q'ty Straight Taping Leads
(pcs) EEAFC1A390( ) EEUFC1A470( ) EEUFC1A820( ) EEAFC1A820( ) EEUFC1A101S( ) EEUFC1A101( ) EEUFC1A151( ) EEUFC1A181( ) EEUFC1A221S( ) EEUFC1A221( ) EEUFC1A331( ) EEUFC1A391( ) EEUFC1A471( ) EEUFC1A561 EEUFC1A681L( ) EEUFC1A681( ) EEUFC1A821( ) EEUFC1A102L( ) EEUFC1A102( ) EEUFC1A122( ) EEUFC1A122S( ) EEUFC1A152( ) EEUFC1A182( ) EEUFC1A182S( ) EEUFC1A222L EEUFC1A222( ) EEUFC1A272( ) EEUFC1A272S( ) EEUFC1A332 EEUFC1A332S( ) EEUFC1A392L EEUFC1A392( ) EEUFC1A472L EEUFC1A472( ) EEUFC1A562( ) EEUFC1A562S( ) EEUFC1A682 EEUFC1A682S( ) EEUFC1A822L EEUFC1A822 EEUFC1A103 EEUFC1A123 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 100 100 200 200 100 100 100 100 100 100 100 100 100 100 100 100 50 50 50
(pcs) 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 1000 1000 1000 500 1000 500 500 1000 500 500 500 500 500 250 500 500 250 250 250 250 250 250 250
39 47 82 100 150 180 220 330 390 470 560 680 820 1000 1200 10 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000
5 4 5 6.3 5 5 6.3 6.3 6.3 6.3 8 8 8 10 8 10 10 8 10 10 12.5 10 12.5 16 10 12.5 12.5 18 12.5 16 12.5 16 12.5 16 16 18 16 18 16 18 18 18
7 11 11 7 11 15 11.2 11.2 11.2 15 11.5 11.5 11.5 12.5 15 12.5 16 20 16 20 15 25 20 15 30 20 25 15 30 20 35 20 40 25 25 20 31.5 25 35.5 31.5 35.5 40
120 120 175 200 175 235 290 290 290 400 555 555 555 755 730 755 1050 995 1050 1220 1205 1440 1655 1690 1815 1655 1945 2000 2310 2205 2510 2205 2655 2555 2555 2490 3010 2740 3150 3635 3680 3735
0.950 1000 1.30 0.80 0.80 0.50 1000 1000 1000 1000
0.45 0.45 0.50 0.45 0.50 0.50 0.50 0.50 0.50 0.50 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.80 0.60 0.60 0.60 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80
2.0 1.5 2.0 2.5 2.0 2.0 2.5 2.5 2.5 2.5 3.5 3.5 3.5 5.0 3.5 5.0 5.0 3.5 5.0 5.0 5.0 5.0 5.0 7.5 5.0 5.0 5.0 7.5 5.0 7.5 5.0 7.5 5.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 7.5 5.0 5.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5
2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5
0.450 1000
0.350 1000 0.350 1000 0.350 1000 0.250 1000 0.117 2000 0.117 2000 0.117 2000 0.090 3000 0.085 2000 0.090 3000 0.068 3000 0.065 2000 0.068 3000 0.052 3000 0.065 5000 0.045 3000 0.038 5000 0.043 5000 0.035 3000 0.038 5000 0.030 5000 0.038 5000 0.025 5000 0.029 5000 0.022 5000 0.029 5000 0.018 5000 0.022 5000 0.022 5000 0.028 5000 0.018 5000 0.020 5000 0.016 5000 0.016 5000 0.015 5000 0.014 5000
When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5mm, 7.5mm. H=2.5mm.
Aluminum Electrolytic Capacitors/FC
I
Standard Products
W.V. Specification Lead Length Ripple Imped- Endur- Lead Lead Space current ance (20%) Dia. Straight Taping Taping (100kHz) (100kHz) ance H B (+105C) (+20C) (F) ( m m ) (mm) (m A ) () (hours) ( m m ) ( m m ) (mm) ( m m ) Cap.
Dia. Length
Case size
Part No.
Min.Packaging Q'ty Straight Taping Leads
(V)
(pcs) EEAFC1C150( ) EEAFC1C270( ) EEUFC1C390( ) EEUFC1C470( ) EEUFC1C560( ) EEAFC1C560( ) EEUFC1C680( ) EEUFC1C820( ) EEUFC1C101( ) EEUFC1C121( ) EEUFC1C181( ) EEUFC1C221( ) EEUFC1C271( ) EEUFC1C331( ) EEUFC1C391( ) EEUFC1C471L( ) EEUFC1C471( ) EEUFC1C561( ) EEUFC1C681L( ) EEUFC1C681( ) EEUFC1C821( ) EEUFC1C821S( ) EEUFC1C102S( ) EEUFC1C102( ) EEUFC1C122( ) EEUFC1C122S( ) EEUFC1C152L EEUFC1C152( ) EEUFC1C152S( ) EEUFC1C182( ) EEUFC1C182S( ) EEUFC1C222( ) EEUFC1C222S( ) EEUFC1C272L EEUFC1C272( ) EEUFC1C332 EEUFC1C332S( ) EEUFC1C392( ) EEUFC1C392S EEUFC1C472 EEUFC1C472S( ) EEUFC1C562L EEUFC1C562 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 100 100 200 100 200 100 200 100 100 100 100 100 100 100 100 100 100 50
(pcs) 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 1000 1000 1000 500 1000 500 500 1000 500 500 500 500 500 500 250 500 250 500 250 500 250 250 250 250 250 250
15 27 39 47 56 68 82 100 120 180 220 270 330 390 470 560 680 820 16 1000 1200 1500
4 5 4 5 5 6.3 5 5 6.3 6.3 6.3 8 8 8 10 8 10 10 8 10 10 12.5 10 10 10 16 10 12.5 16
7 7 11 11 11 7 11 15 11.2 11.2 15 11.5 11.5 11.5 12.5 15 12.5 16 20 16 20 15 20 25 25 15 30 20 15 25 15 25 20 30 20 35 20 25 20 31.5 25 35.5 31.5
65 120 120 175 175 200 175 235 290 290 400 555 555 555 755 730 755 1050 995 1050 1220 1205 1220 1440 1440 1690 1815 1655 1690 1945 2000 1945 2205 2310 2205 2510 2490 2555 2490 3010 2740 3150 3635
2.0 1.30 0.80 0.80 0.80 0.50
1000 1000 1000 1000 1000 1000
0.45 0.45 0.45 0.50 0.50 0.45 0.50 0.50 0.50 0.50 0.50 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.80 0.60 0.60 0.80 0.60 0.80 0.60 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80
1.5 2.0 1.5 2.0 2.0 2.5 2.0 2.0 2.5 2.5 2.5 3.5 3.5 3.5 5.0 3.5 5.0 5.0 3.5 5.0 5.0 5.0 5.0 5.0 5.0 7.5 5.0 5.0 7.5 5.0 7.5 5.0 7.5 5.0 7.5 5.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 7.5 5.0 7.5 5.0 7.5 5.0 7.5 7.5 7.5 7.5 7.5 7.5
2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5
0.950 1000
0.450 1000
0.350 1000 0.350 1000 0.250 1000 0.117 2000 0.117 2000 0.117 2000 0.090 3000 0.085 2000 0.090 3000 0.068 3000 0.065 2000 0.068 3000 0.052 3000 0.065 5000 0.052 3000 0.045 3000 0.045 3000 0.043 5000 0.035 3000 0.038 5000 0.043 5000 0.030 5000 0.038 5000 0.030 5000 0.029 5000 0.025 5000 0.029 5000 0.022 5000 0.028 5000 0.022 5000 0.028 5000 0.018 5000 0.020 5000 0.016 5000 0.016 5000
1800 2200 2700 3300 3900 4700 5600
12.5 18 12.5 16 12.5 16 12.5 18 16 18 16 18 16 18
When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5mm, 7.5mm. H=2.5mm.
Aluminum Electrolytic Capacitors/FC
I
Standard Products
W.V. Specification Lead Length Ripple Imped- Endur- Lead Lead Space current ance (20%) Dia. Straight Taping Taping (100kHz) (100kHz) ance B H (+105C) (+20C) (F) ( m m ) (mm) (m A ) () (hours) ( m m ) ( m m ) (mm) ( m m ) Cap.
Dia. Length
Case size
Part No.
Min.Packaging Q'ty Straight Taping Leads
(V) 16
(pcs) EEUFC1C682 EEUFC1C822 100 50 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 100 200 100 200 100 200 100 100 100 100 100 100 100 100 100 50 50 50
(pcs)
6800 8200 10 22 27 39 47 56 82 100 120 180 220 270 330 390 470 560
16 18 4 5 4 5 6.3 5 5 6.3 6.3 6.3 8 8 10 8 10 10 8 10 10 12.5 10 10 12.5 10 12.5 16
40 35.5 7 7 11 11 7 11 15 11.2 11.2 15 11.5 11.5 12.5 15 12.5 16 20 16 20 15 20 25 20 30 20 15 25 15 25 20 30 20 35 20 25 31.5 25 35.5 31.5 35.5 40
3360 3680 65 120 120 175 200 175 235 290 290 400 555 555 755 730 755 1050 995 1050 1220 1205 1220 1440 1655 1815 1655 1690 1945 2000 1945 2205 2310 2205 2510 2490 2555 3010 2740 3150 3635 3680 3735
0.015 5000 0.015 5000 2.0 1.30 0.80 0.80 0.50 1000 1000 1000 1000 1000 0.950 1000
0.80 0.80 0.45 0.45 0.45 0.50 0.45 0.50 0.50 0.50 0.50 0.50 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.80 0.60 0.80 0.60 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80
7.5 7.5 1.5 2.0 1.5 2.0 2.5 2.0 2.0 2.5 2.5 2.5 3.5 3.5 5.0 3.5 5.0 5.0 3.5 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 7.5 5.0 7.5 5.0 7.5 5.0 7.5 5.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 5.0 7.5 5.0 7.5 5.0 7.5 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5
EEAFC1E100( ) EEAFC1E220( ) EEUFC1E270( ) EEUFC1E390( ) EEAFC1E390( ) EEUFC1E470( ) EEUFC1E560( ) EEUFC1C820( ) EEUFC1E101S( ) EEUFC1E121( ) EEUFC1E181( ) EEUFC1E221( ) EEUFC1E271( ) EEUFC1E331L( ) EEUFC1E331( ) EEUFC1E391( ) EEUFC1E471L( ) EEUFC1E471( ) EEUFC1E561( ) EEUFC1E561S( ) EEUFC1E681( ) EEUFC1E821( ) EEUFC1E821S( ) EEUFC1E102L EEUFC1E102( ) EEUFC1E102S( ) EEUFC1E122( ) EEUFC1E122S( ) EEUFC1E152( ) EEUFC1E152S( ) EEUFC1E182L EEUFC1E182( ) EEUFC1E222 EEUFC1E222S( ) EEUFC1E272( ) EEUFC1E332 EEUFC1E332S( ) EEUFC1E392L EEUFC1E392 EEUFC1E472 EEUFC1E562
2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 1000 1000 500 1000 500 500 1000 500 500 500 500 500 500 500 250 500 250 500 250 250 250 250 250
0.450 1000
0.350 1000 0.350 1000 0.250 1000 0.117 2000 0.117 2000 0.090 3000 0.085 2000 0.090 3000 0.068 3000 0.065 2000 0.068 3000 0.052 3000 0.065 5000 0.052 3000 0.045 3000 0.038 5000 0.035 3000 0.038 5000 0.043 5000 0.030 5000 0.038 5000 0.030 5000 0.029 5000 0.025 5000 0.029 5000 0.022 5000 0.028 5000 0.022 5000 0.018 5000 0.020 5000 0.016 5000 0.016 5000 0.015 5000 0.014 5000
25
680 820 1000
1200 1500 1800 2200 2700 3300 3900 4700 5600
12.5 18 12.5 16 12.5 16 12.5 18 16 16 18 16 18 18 18
When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5mm, 7.5mm. H=2.5mm.
Aluminum Electrolytic Capacitors/FC
I
Standard Products
W.V. Specification Lead Length Ripple Imped- Endur- Lead Lead Space current ance (20%) ance Dia. Straight Taping Taping (100kHz) (100kHz) H B (+105C) (+20C) (F) ( m m ) (mm) (m A ) () (hours) ( m m ) ( m m ) (mm) ( m m ) Case size Cap.
Dia. Length
Part No.
Min. Packaging Q'ty Straight Taping Leads
(V)
(pcs) EEAFC1V6R8( ) EEAFC1V120( ) EEUFC1V180( ) EEUFC1V220( ) EEUFC1V270( ) EEAFC1V270( ) EEUFC1V330( ) EEUFC1V390( ) EEUFC1V470( ) EEUFC1V560( ) EEUFC1V680( ) EEUFC1V820( ) EEUFC1V101( ) EEUFC1V121( ) EEUFC1V151( ) EEUFC1V181( ) EEUFC1V221L( ) EEUFC1V221( ) EEUFC1V271( ) EEUFC1V331L( ) EEUFC1V331( ) EEUFC1V391( ) EEUFC1V391S( ) EEUFC1V471( ) EEUFC1V561( ) EEUFC1V561S( ) EEUFC1V681L EEUFC1V681( ) EEUFC1V681S( ) EEUFC1V821L( ) EEUFC1V821( ) EEUFC1V102( ) EEUFC1V102S( ) EEUFC1V122L EEUFC1V122( ) EEUFC1V152L EEUFC1V152( ) EEUFC1V152S( ) EEUFC1V182L EEUFC1V182( ) EEUFC1V182S( ) EEUFC1V222 EEUFC1V222S( ) 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 100 200 100 200 100 200 100 100 100 100 100 100 100 100 100 100 100
(pcs) 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 1000 1000 1000 500 1000 500 500 1000 500 500 500 500 500 500 500 250 500 250 500 250 250 250 250 250 250 250
6.8 12 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 35 390 470 560 680
4 5 4 5 5 6.3 5 5 6.3 6.3 6.3 6.3 8 8 8 10 8 10 10 8 10 10 12.5 10 10 12.5 10 12.5 16
7 7 11 11 11 7 11 15 11.2 11.2 11.2 15 11.5 11.5 11.5 12.5 15 12.5 16 20 16 20 15 20 25 20 30 20 15 25 15 25 20 30 20 35 25 20 40 25 20 31.5 25
65 120 120 175 175 200 175 235 290 290 290 400 555 555 555 755 730 755 1050 995 1050 1220 1205 1220 1440 1655 1815 1655 1690 1945 2000 1945 2205 2310 2205 2510 2555 2490 2655 2555 2490 3010 2740
2.000 1000 0.950 1000 1.300 1000 0.800 1000 0.800 1000 0.450 1000 0.080 1000 0.500 1000 0.350 1000 0.350 1000 0.350 1000 0.250 1000 0.117 2000 0.117 2000 0.117 2000 0.090 3000 0.085 2000 0.090 3000 0.068 3000 0.065 2000 0.068 3000 0.052 3000 0.065 5000 0.052 3000 0.045 3000 0.038 5000 0.035 3000 0.038 5000 0.043 5000 0.030 5000 0.038 5000 0.030 5000 0.029 5000 0.025 5000 0.029 5000 0.022 5000 0.022 5000 0.028 5000 0.018 5000 0.022 5000 0.028 5000 0.018 5000 0.020 5000
0.45 0.45 0.45 0.50 0.50 0.45 0.50 0.50 0.50 0.50 0.50 0.50 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.80 0.60 0.80 0.60 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80
1.5 2.0 1.5 2.0 2.0 2.5 2.0 2.0 2.5 2.5 2.5 2.5 3.5 3.5 3.5 5.0 3.5 5.0 5.0 3.5 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 7.5 5.0 7.5 5.0 7.5 5.0 7.5 5.0 7.5 7.5 5.0 7.5 7.5 7.5 7.5
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 7.5 5.0 7.5 5.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5
2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5
820 1000 1200 1500
12.5 18 12.5 16 12.5 16 12.5 16 18
1800
12.5 16 18
2200
16 18
When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5mm, 7.5mm. H=2.5mm.
Aluminum Electrolytic Capacitors/FC
I
Standard Products
W.V.
Lead Length Specification Ripple Imped- Endur- Lead Lead Space current ance (20%) Dia. Straight Taping Taping ance (100kHz) (100kHz) B H (+105C) (+20C) (F) ( m m ) (mm) (m A ) () (hours) ( m m ) ( m m ) (mm) ( m m )
Case size
Cap.
Part No.
Min.Packaging Q'ty Straight Taping Leads
Dia.
Length
(V)
(pcs) EEUFC1V272L EEUFC1V272 EEUFC1V332 EEUFC1V392 100 50 50 50 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 100 200 200 100 100 200 200 100 100 100 100 100 100 100
(pcs)
2700 35 3300 3900
16 18 18 18
35.5 31.5 35.5 40 11 11 11 11 11 11 11 11 11 11 15 11.2 11.2 11.2 15 11.5 11.5 12.5 15 12.5 16 20 16 20 15 25 30 20 20 15 30 25 25 15 30 20 35 20 40 25
3150 3635 3680 3735 20 45 65 95 90 125 135 145 155 155 215 260 260 260 360 485 485 615 635 615 850 860 850 1030 1150 1200 1610 1480 1480 1610 1610 1832 1832 1900 2215 1835 2285 2420 2590 2235
0.016 5000 0.016 5000 0.015 5000 0.014 5000 2.40 1.30 1.30 1.30 2.50 1.30 1.30 1.30 1.30 1.30 0.90 0.60 0.60 0.60 0.40 0.234 0.155 0.162 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 2000 2000 3000
0.80 0.80 0.80 0.80 0.50 0.50 0.50 0.50 0.45 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.60 0.60 0.60 0.60 0.60 0.6 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.80 0.60 0.60 0.60 0.80 0.80 0.80 0.80 0.80 0.80 0.80
7.5 7.5 7.5 7.5 2.0 2.0 2.0 2.0 1.5 2.0 2.0 2.0 2.0 2.0 2.0 2.5 2.5 2.5 2.5 3.5 3.5 5.0 3.5 5.0 5.0 3.5 5.0 5.0 5.0 5.0 5.0 5.0 5.0 7.5 5.0 5.0 5.0 7.5 5.0 7.5 5.0 7.5 5.0 7.5 7.5 7.5 7.5 5.0 5.0 7.5 5.0 5.0 7.5 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5
1.0 5 2.2 5 3.3 5 4.7 5 10 12 15 18 22 27 33 39 47 56 68 82 100 120 50 150 180 220 270 330 390 470 560 680 820 1000 4 5 5 5 5 5 5 6.3 6.3 6.3 6.3 8 8 10 8 10 10 8 10 10 12.5 10 10 12.5 12.5 16 10 12.5 12.5 18 12.5 16 12.5 18 12.5 16
EEUFC1H1R0( ) EEUFC1H2R2( ) EEUFC1H3R3( ) EEUFC1H4R7( ) EEUFC1H100( ) EEUFC1H100L( ) EEUFC1H120( ) EEUFC1H150( ) EEUFC1H180( ) EEUFC1H220( ) EEUFC1H270( ) EEUFC1H330( ) EEUFC1H390( ) EEUFC1H470( ) EEUFC1H560( ) EEUFC1H680( ) EEUFC1H820( ) EEUFC1H101( ) EEUFC1H121L( ) EEUFC1H121( ) EEUFC1H151( ) EEUFC1H181L( ) EEUFC1H181( ) EEUFC1H221( ) EEUFC1H221S( ) EEUFC1H271( ) EEUFC1H331L EEUFC1H331( ) EEUFC1H391( ) EEUFC1H391S( ) EEUFC1H471L EEUFC1H471( ) EEUFC1H561( ) EEUFC1H561S( ) EEUFC1H681L EEUFC1H681( ) EEUFC1H821L EEUFC1H821( ) EEUFC1H102L EEUFC1H102( )
2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 1000 1000 500 1000 500 500 1000 500 500 500 500 500 500 250 500 500 250 250 250 250
0.234 2000 0.162 3000
0.119 3000 0.120 2000 0.119 3000 0.090 3000 0.110 5000 0.082 3000 0.060 3000 0.063 5000 0.063 5000 0.080 5000 0.060 3000 0.050 5000 0.050 5000 0.068 5000 0.040 5000 0.048 5000 0.034 5000 0.042 5000 0.030 5000 0.034 5000
When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5mm, 7.5mm. H=2.5mm.
Aluminum Electrolytic Capacitors/FC
I
Standard Products
W.V. Specification Lead Length Ripple Imped- Endur- Lead Lead Space current ance (20%) ance Dia. Straight Taping Taping (100kHz) (100kHz) B H (+105C) (+20C) (F) ( m m ) (mm) (m A ) () (hours) ( m m ) ( m m ) (mm) ( m m ) Case size Cap.
Dia. Length
Part No.
Min. Packaging Q'ty Straight Taping Leads
(V)
(pcs) EEUFC1H122 100 100 100 100 50 50 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 100 100 200 200 100 100 100 100 100 100 100 100 100 100 100 100 100 50 50 50 EEUFC1H122S( ) EEUFC1H152L EEUFC1H182L EEUFC1H182 EEUFC1H222
(pcs) 250
1200 1500 1800 2200 6.8 12 18 22 33 39 47 56 68 82 100 120 150 180 220
16 18 16 16 18 18 4 5 5 6.3 6.3 6.3 8 8 8 10 8 10 10 8 10 12.5 10 10 12.5
31.5 25 35.5 40 31.5 35.5 11 11 15 11.2 11.2 15 11.5 11.5 11.5 12.5 15 12.5 16 20 20 15 20 25 20 15 30 20 25 15 30 20 25 35 25 20 40 31.5 25 31.5 35.5 40 31.5 35.5 40
2700 2610 2790 2845 3000 3100 80 145 200 240 240 330 405 405 405 535 535 535 600 690 885 1020 885 1050 1285 1410 1300 1285 1720 1690 2090 1765 2160 2265 2160 2290 2560 2670 2585 2670 2770 2825 2950 3095 3205
0.028 5000 0.029 5000 0.025 5000 0.023 5000 0.025 5000 0.023 5000 3.50 2.0 1.30 1.0 1.0 0.70 1000 1000 1000 1000 1000 1000
0.80 0.80 0.80 0.80 0.80 0.80 0.45 0.50 0.50 0.50 0.50 0.50 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.80 0.60 0.60 0.60 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80
7.5 7.5 7.5 7.5 7.5 7.5 1.5 2.0 2.0 2.5 2.5 2.5 3.5 3.5 3.5 5.0 3.5 5.0 5.0 3.5 5.0 5.0 5.0 5.0 5.0 7.5 5.0 5.0 5.0 7.5 5.0 7.5 7.5 5.0 7.5 7.5 5.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 5.0 5.0 7.5 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 7.5 2.5 2.5 2.5 2.5 2.5 2.5 7.5
50
EEUFC1J6R8( ) EEUFC1J120( ) EEUFC1J180( ) EEUFC1J220( ) EEUFC1J330( ) EEUFC1J390( ) EEUFC1J470( ) EEUFC1J560( ) EEUFC1J680( ) EEUFC1J820( ) EEUFC1J101L( ) EEUFC1J101( ) EEUFC1J121( ) EEUFC1J151( ) EEUFC1J181( ) EEUFC1J181S( ) EEUFC1J221X( ) EEUFC1J221( ) EEUFC1J221S( ) EEUFC1J271( ) EEUFC1J331L EEUFC1J331( ) EEUFC1J391( ) EEUFC1J391S( ) EEUFC1J471L EEUFC1J471( ) EEUFC1J561( ) EEUFC1J681L EEUFC1J681( ) EEUFC1J681S( ) EEUFC1J821L EEUFC1J821 EEUFC1J821S( ) EEUFC1J102U EEUFC1J102 EEUFC1J122L EEUFC1J122 EEUFC1J152 EEUFC1J182
2000 2000 2000 2000 2000 2000 1000 1000 1000 500 1000 500 500 1000 500 500 500 500 500 250 500 500 250 250 250 250 250
0.342 2000 0.342 2000 0.342 2000 0.256 3000 0.230 2000 0.256 3000 0.194 3000 0.178 2000 0.147 3000 0.150 5000 0.147 3000 0.130 3000 0.085 5000 0.090 5000 0.090 3000 0.085 5000 0.070 5000 0.086 5000 0.055 5000 0.059 5000 0.050 5000 0.047 5000 0.050 5000 0.055 5000 0.042 5000 0.043 5000 0.043 5000 0.043 5000 0.036 5000 0.030 5000 0.032 5000 0.030 5000 0.025 5000
63
270 330 390 470 560 680
16 10 12.5 12.5 18 12.5 16 16 12.5 16 18
820
12.5 16 18
250
1000 1200 1500 1800
16 16 16 18 18 18
When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5mm, 7.5mm. H=2.5mm.


▲Up To Search▲   

 
Price & Availability of EEUFC1A181

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X